smartonline 230v 3kva 2700w on-line double- conversion ups, tower, extended run, network card options, lcd, usb, db9 model number: SUINT3000XLCD protects connected mission-critical equipment against damage, downtime and data loss due to blackouts, brownouts, power surges and line noise. recommended for small/medium servers, networking equipment and telecom systems. description the SUINT3000XLCD smartonline? 230v 3kva 2700w on-line double-conversion ups provides battery backup and ac power protection against blackouts, brownouts, power surges and line noise that can damage electronics or destroy data. it converts ac input to dc power, and then converts dc to fully regulated sine wave ac output with +/-2% voltage regulation in online, double-conversion mode. featuring one c19 and six c13 outlets, the SUINT3000XLCD has an internal battery that provides 11.2 minutes of support at half load (1350w) and 4.4 minutes at full load (2700w). adding external battery packs, such as bp72v15-2u (sold separately), provides extended runtime. operating in optional economy mode reduces heat output and cooling requirements and consumes less electricity. an interactive front-panel lcd screen displays operating conditions and diagnostic data, such as load, voltage and battery levels. an audible alarm signals ups startup, power failure, low battery, overload, ups fault and remote shutdown conditions. emi/rfi line noise filtering improves your equipment?s performance, and 425-joule surge suppression prevents equipment and data damage from harmful power surges. with tripp lite?s poweralert? software, the SUINT3000XLCD enables safe unattended system shutdown and file saves in case of a prolonged power failure. a built-in card slot supports tlnetcard, webcardlx, snmpwebcard, modbuscard and relayiocard for network interface and remote monitoring and control. features highlights zero transfer time suitable for advanced network applications l 2% output voltage regulation in online, double-conversion mode l expandable runtime with optional external battery packs l interactive led/lcd status display l 11.2 min. runtime at half load; 4.4 min. at full load l package includes SUINT3000XLCD smartonline 230v 3kva 2700w on-line double-conversion ups l usb cable l rs-232 cable l (3) c13-to-c14 power cords l owner?s manual l 1 / 6
specifications protects mission-critical rack-mounted equipment provides fully regulated sine wave ac output for small/medium servers, networking equipment and telecom systems l +/-2% voltage regulation in online, double-conversion mode l 230v output voltage l high 0.9 power factor offers 3000va/2700w output capacity l one c19 and 6 c13 outlets; c20 input connection l set of 3 c13/c14 jumpers included l 425-joule surge suppression rating l reliable battery backup with expandable runtime supports half load for 11.2 min. and full load for 4.4 min. l zero transfer time suitable for advanced network applications l expandable runtime with optional external battery packs, such as tripp lite?s bp72v15-2u l restarts automatically after lengthy power outages l snmp/web capability built-in slot for snmp network interface and relay card for remote monitoring and control options l compatible with tlnetcard, webcardlx, snmpwebcard, modbuscard and relayiocard l emi/rfi line noise filtering removes electromagnetic and radio frequency interference that can disrupt or damage equipment?s performance l interactive lcd screen reports detailed status information, including load, voltage and battery levels l audible alarm indicates startup/shutdown, power failure, low battery, overload and fault conditions l communications ports usb & serial ports enable data-saving unattended shutdown when used with tripp lite's poweralert software, available via free download from www.tripplite.com/poweralert l optional economy mode efficiently minimizes heat output, reduces cooling requirements and consumes less electricity l overview 2 / 6
upc code 037332194916 output output volt amp capacity (va) 3000 output kva capacity (kva) 3 output watt capacity (watts) 2700 output kw capacity (kw) 2.7 output capacity details overload capacity: supports inverter operation up to 105% load continuously, 125% load for 1 minute; 150% load for 30 seconds; loads greater than 150% trigger immediate switchover to bypass (when input voltage and frequency are within bypass limits) or shutdown (when input voltage and frequency are outside bypass limits) power factor 0.9 crest factor 3:1 nominal output voltage(s) supported 220v; 230v; 240v nominal voltage details 230v default frequency compatibility 50 / 60 hz frequency compatibility details on line mode: output frequency is automatically configured to match nominal input frequency on startup; output matches input frequency when +/-5hz of nominal; output is regulated to +/-0.05hz when input frequency exceeds +/-5hz of nominal; ups switches to battery mode when input frequency is below 40hz or above 70hz; battery mode: output is regulated to +/-0.05hz of selected nominal. output voltage regulation (line mode) +/- 2% output voltage regulation (economy line mode) +/- 10% output voltage regulation (battery mode) +/- 3% output receptacles (6) c13; (1) c19 included output power cables includes three c13 to c14 power cables output ac waveform (ac mode) pure sine wave output ac waveform (battery mode) pure sine wave individually controllable load banks no input rated input current (maximum load) 14.6a 220v; 14.0a 230v; 13.4a 240v nominal input voltage(s) supported 220v ac; 230v ac; 240v ac nominal input voltage description 230v factory default ups input connection type c20 inlet input circuit breakers 20a ups input cord length (ft.) 10 ups input cord length (m) 3.1 3 / 6
recommended electrical service 230v input phase single-phase battery full load runtime (min.) 4.4 min. (2700w) half load runtime (min.) 11.2 min. (1350w) expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp72v15-2u (limit 1); bp72v18-2us (multi-pack compatible); bp72v28rt-3u (multi-pack compatible) expandable runtime description external battery configurations require the use of tripp lite's external battery configuration software, see manual for details dc system voltage (vdc) 72 battery recharge rate (included batteries) less than 6 hours from 10% to 90% (typical, full load discharge) expandable runtime yes voltage regulation voltage regulation description online, double-conversion power conditioning overvoltage correction 2% output voltage regulation during overvoltages to 280 undervoltage correction 2% output voltage regulation during undervoltages to 80v (50% load), 175v (100% load) user interface, alerts & controls front panel lcd display front panel lcd information and configuration screen offers detailed ups and site power status and operating data, plus configuration of voltage, operating mode, alarm function and a variety of additional information switches on switch supports inverter-on, battery-test, alarm-off and enter functions; off switch supports inverter-off and fault-clear functions; setup switch enables scroll-down and enter setup-mode functions alarm cancel operation power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option available audible alarm audible alarm indicates ups startup, power-failure, low-battery, overload, ups fault and remote shutdown conditions surge / noise suppression ups ac suppression joule rating 425 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical primary form factor tower 4 / 6
ups power module dimensions (hwd, in.) 12.8 x 7.5 x 14.2 ups power module weight (lbs.) 54.8 ups power module weight (kg) 24.86 shipping dimensions (hwd / in.) 17.40 x 11.80 x 19.90 shipping dimensions (hwd / cm) 44.20 x 29.97 x 50.55 shipping weight (lbs.) 60.50 shipping weight (kg) 27.44 cooling method fan ups housing material steel primary ups height (mm) 325 primary ups width (mm) 191 primary ups depth (mm) 361 environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 818 ac economy mode btu / hr. (full load) 188 battery mode btu / hr. (full load) 1538 ac mode efficiency rating (100% load) 92% ac economy mode efficiency rating (100% load) 98% operating elevation (ft.) 0-3000ft audible noise < 52 db at front side 1m operating elevation (m) 0-1000m communications communications interface db9 serial; slot for snmp/web interface; usb (hid enabled) network management cards snmpwebcard; tlnetcard; webcardlx; modbuscard; relayiocard network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software for local monitoring via the ups?s built-in communication ports, download poweralert local software at http://www.tripplite.com/poweralert communications cable usb and db9 cabling included 5 / 6
? 2019 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: https://www.tripplite.com/products/product-certification-agencies line / battery transfer transfer time zero transfer time (0 ms.) low voltage transfer to battery power (setpoint) 80v (<50% load), 175v (100% load) high voltage transfer to battery power (setpoint) 280 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features automatic inverter bypass; hot swappable batteries green energy-saving features high efficiency economy mode operation certifications ups certifications ce ups certification details en62040-2:2006; iec 62040-1:2008+a1:2013; esd:iec61000-4-2:level 4, rs:iec61000-4-3:level 3, eft:iec61000-4-4:level 2, surge: iec61000-4-5:level 2, cs:iec61000-4-6:level 3, conducted magnetic field: iec61000-4-8:level 4 warranty product warranty period (worldwide) 2-year limited warranty 6 / 6
|